PART |
Description |
Maker |
2SA1129 2SA1129-S 2SA1129-Z 2SA1129-AZ |
7 A, 30 V, PNP, Si, POWER TRANSISTOR, TO-220AB MP-25, 3 PIN From old datasheet system PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING Silicon transistor
|
Panasonic Semiconductor NEC
|
2SA1008 2SA1008-S 2SA1008-Z 2SA10081 2SA10082 2SA1 |
SILICON POWER TRANSISTOR 硅功率晶体管 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB MP-25, 3 PIN Silicon transistor
|
NEC, Corp. NEC[NEC]
|
MJ802 |
High-Power NPN Silicon Transistor 30 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-204AA 30 AMPERE POWER TRANSISTOR NPN SILICON 100 VOLTS 200 WATTS
|
Motorola, Inc. ONSEMI[ON Semiconductor]
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
BU2520DW |
Silicon Diffused Power Transistor(纭???e?????朵?绠? Silicon Diffused Power Transistor(硅扩散功率型晶体 10 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-247
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
STD13003 |
Switching Bipolar Power Transistor |Power Transistor |400V 1.5A 1.2W HFE8~40 开关功率晶体管|功率晶体管| 400V 1.5A的功率为1.2W HFE840 NPN Silicon Power Transistor
|
AUK, Corp. AUK[AUK corp]
|
MJE1300906 MJE13009G MJE13009 |
SWITCHMODE Series NPN Silicon Power Transistors(开关模式系列NPN硅功率晶体管) 12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB 12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS − 100 WATTS
|
ONSEMI[ON Semiconductor]
|
2SD2164 |
Silicon power transistor NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
|
NEC
|
2SC3734 2SC3734-L 2SC3734-T1B 2SC3734-T2B |
Silicon transistor HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
|
NEC[NEC]
|
2SA1840 |
Silicon power transistor PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING
|
NEC
|
ZUMT617 ZUMT617TA ZUMT617-15 |
Transient Voltage Suppressor Diodes Super323? SOT323 NPN SILICON POWER TRANSISTOR NPN SILICON POWER (SWITCHING) TRANSISTOR Super323? SOT323 NPN SILICON POWER (SWITCHING) TRANSISTOR
|
ZETEX PLC Diodes Incorporated http://
|